データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STWBC86JR データシート(PDF) 5 Page - STMicroelectronics

部品番号 STWBC86JR
部品情報  Qi compatible wireless power transmitter for 5W applications with integrated full bridge
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC86JR データシート(HTML) 5 Page - STMicroelectronics

  STWBC86JR Datasheet HTML 1Page - STMicroelectronics STWBC86JR Datasheet HTML 2Page - STMicroelectronics STWBC86JR Datasheet HTML 3Page - STMicroelectronics STWBC86JR Datasheet HTML 4Page - STMicroelectronics STWBC86JR Datasheet HTML 5Page - STMicroelectronics STWBC86JR Datasheet HTML 6Page - STMicroelectronics STWBC86JR Datasheet HTML 7Page - STMicroelectronics STWBC86JR Datasheet HTML 8Page - STMicroelectronics STWBC86JR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Pin name
Pin location
Pin function
V1V8
G5, G8
1.8V LDO output and supply rail for the digital core, the ADC and the analog circuitry.
Connect a 1 μF filtering capacitor between this pin and ground.
V5V0
F7, E6
5V LDO output and supply rail for the auxiliary circuitry. Connect a 4.7 μF filtering
capacitor between this pin and ground.
RSTB
J6
Chip-reset input. If set low, the internal digital core is reset. This pin can also be used
by the host controller to control the power transfer process.
SCL
H8
I2C bus, clock line input. A pull-up resistor to the supply rail of the host controller is
required to ensure correct digital levels. I2C bus, data line I/O. A pull-up resistor to the
supply rail of the host controller is required to ensure correct digital levels.
SDA
J8
GPIO0
H2
Programmable general-purpose I/Os: the function of these pins depends on the
configuration of the device.
GPIO1
H1
GPIO2
J4
GPIO3
J3
GPIO4
J2
GPIO5
J1
GPIO7
J5
INTB/GPIO6
J7
Interrupt output (active low). Programmable open-drain output used to generate an
interrupt on specific events for the host controller.
NC
C2,C6,C7,C8,
D1,D6,D7,D8,E8
Not connected pins , to be left floating.
STWBC86
Device pinout
DS14079 - Rev 1
page 5/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40