データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCPP02-M18 データシート(PDF) 23 Page - STMicroelectronics

部品番号 TCPP02-M18
部品情報  USB Type-C™ protection for source application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TCPP02-M18 データシート(HTML) 23 Page - STMicroelectronics

Back Button TCPP02-M18 Datasheet HTML 19Page - STMicroelectronics TCPP02-M18 Datasheet HTML 20Page - STMicroelectronics TCPP02-M18 Datasheet HTML 21Page - STMicroelectronics TCPP02-M18 Datasheet HTML 22Page - STMicroelectronics TCPP02-M18 Datasheet HTML 23Page - STMicroelectronics TCPP02-M18 Datasheet HTML 24Page - STMicroelectronics TCPP02-M18 Datasheet HTML 25Page - STMicroelectronics TCPP02-M18 Datasheet HTML 26Page - STMicroelectronics TCPP02-M18 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
11
Ordering information
Table 20. Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
TCPP02-M18
TCPP2
QFN-18L 3.5 x 3.5 x 0.55 mm
21.7 mg
3000
Tape and reel
TCPP02-M18
Ordering information
DS13787 - Rev 4
page 23/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27