| データシートサーチシステム |
|
TESEO-LIV3FL データシート(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TESEO-LIV3FL データシート(HTML) 3 Page - STMicroelectronics |
|
3 / 34 page ![]() 5. For GALILEO the signal level refers to both pilot and data components 6. Configurable value 7. All satellites at the same signal level 8. Minimum level to get valid fix after reacquisition 9. 50% @ 30 m/s- linear path 10. 50% @0.5 g- shape path 11. CEP 50%, 24h static, roof antenna. 12. Verified the limit checking the fix availability 13. Special configuration for high dynamic scenario 14. ITAR limits 1.2 Block diagram Figure 1. Teseo-LIV3FL block schematic Teseo-LIV3FL Block diagram DS13881 - Rev 3 page 3/34 |