| データシートサーチシステム |
|
TESEO-LIV4F データシート(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TESEO-LIV4F データシート(HTML) 12 Page - STMicroelectronics |
|
12 / 30 page ![]() 9 Firmware configuration All configuration parameters are grouped in a data block. Each field is addressed by a unique ID. The IDs are made by three digits: the most significant one represents the parameter type and the others are used to identify different parameters of the same type. Default setting of configuration data block is hard coded into the binary image file. A new configuration can be built using the PC Tool Teseo-Suite, available at www.st.com or using runtime configuration commands raised by the host. Teseo-LIV4F Firmware configuration DS13957 - Rev 3 page 12/30 |