データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STEVAL-2STPD01 データシート(PDF) 19 Page - STMicroelectronics

部品番号 STEVAL-2STPD01
部品情報  USB Type-C™ protection for source application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-2STPD01 データシート(HTML) 19 Page - STMicroelectronics

Back Button STEVAL-2STPD01 Datasheet HTML 15Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 16Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 17Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 18Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 19Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 20Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 21Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 22Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
10
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
10.1
QFN18L 3.5x3.5 mm package information
Figure 11. QFN18L 3.5x3.5 mm package outline
TCPP02-M18
Package information
DS13787 - Rev 4
page 19/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27