データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST33TPHF2XSPI データシート(PDF) 25 Page - STMicroelectronics

部品番号 ST33TPHF2XSPI
部品情報  STSAFE-TPM ST33TPHF2XSPI: TPM 2.0 device with an SPI interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2XSPI データシート(HTML) 25 Page - STMicroelectronics

Back Button ST33TPHF2XSPI Datasheet HTML 21Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 22Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 23Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 24Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 25Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 26Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 27Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 28Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
9
Ordering information
Table 17. Ordering information
Ordering code
Firmware version
TPM Library
Package
Marking A
Product status
ST33HTPH2X32AHE4
0x00.01.03.01
(1.769)
1.59
VFQFPN32
PXAHE4
Active
(recommended for new design)
ST33HTPH2X32AHD8
0x00.01.01.02
(1.258)
1.38
PXAHD8
Active
ST33HTPH2X32AHD4
0x00.01.01.01
(1.257)
1.38
PXAHD4
Active
Note:
A technical note describing the evolutions between the different firmware versions is available through e-mail
support or the sales channels.
ST33TPHF2XSPI
Ordering information
DS14186 - Rev 1
page 25/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35