| データシートサーチシステム |
|
ERTEC データシート(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ERTEC データシート(HTML) 21 Page - Renesas Technology Corp |
|
21 / 51 page ![]() 21 Data Sheet A17989EE2V0DS00 µPD800261 Table 1-11: Trace Port Pin Functions Pin Name I/ONote Function Alternate FunctionNote TRACEPKT7 O Trace packet bit 7 LBU_A2, RXD_P12 TRACEPKT6 O Trace packet bit 6 LBU_A3, RXD_P13 TRACEPKT5 O Trace packet bit 5 LBU_A4, CRS_P1 TRACEPKT4 O Trace packet bit 4 LBU_A5, RX_ER_P1 TRACEPKT3 O Trace packet bit 3 LBU_A6, RX_DV_P1 TRACEPKT2 O Trace packet bit 2 LBU_A7, COL_P1 TRACEPKT1 O Trace packet bit 1 LBU_A8, RXD_P20 TRACEPKT0 O Trace packet bit 0 LBU_A9, RXD_P21 PIPESTA2 O CPU pipeline status, bit 2 LBU_A11, RXD_P23 PIPESTA1 O CPU pipeline status, bit 1 LBU_A12, CRS_P2 PIPESTA0 O CPU pipeline status, bit 0 LBU_A13, RX_ER_P2 TRACESYNC O Trace sync signal LBU_A10, RXD_P22 ETMEXTIN1 I External input to the ETM LBU_A1, RXD_P11 ETMEXTOUT O Output signal from the ETM LBU_A0, RXD_P10 Note: Trace port pins are alternatively used as local bus or MII diagnosis pins; the function is selected with the GPIO_PORT_MODE_H and GPIO_PORT_MODE_L registers. In this table the I/O types are listed for the trace port pin functions. |