| データシートサーチシステム |
|
STM32WB50CX データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB50CX データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 13 page ![]() 1 Characteristics Table 1. Absolute ratings (Tamb = 25 °C) Symbol Parameter Value Unit PIN Input power RFIN 10 dBm VESD ESD ratings human body model (JESD22-A114-C), all I/O one at a time while others connected to GND 2000 V ESD ratings machine model, all I/O 200 TOP Maximum operating temperature -40 to +105 °C Table 2. Impedances(Tamb = 25 °C) Symbol Parameter Value Unit Min. Typ. Max. ZIN STM32WB55xx single-ended impedance - matched to STM32WB55Cx/Rx, STM32WB50Cx, STM32WB35Cx, and STM32WB30Cx - Ω ZOUT Antenna impedance - 50 - Ω Table 3. Electrical characteristics and RF performance (Tamb = 25 °C) Symbol Parameter Value Unit Min. Typ. Max. f Frequency range 2400 2500 MHz IL Insertion loss lS21l 0.90 1.1 dB RLIN Input return loss IS11I 14 22 dB RLOUT Output return loss lS22l 16 24 dB Att Harmonic rejection levels IS21I Attenuation at 2fo 38 40 dB Attenuation at 3fo 43 45 dB Attenuation at 4fo 41 46 dB Attenuation at 5fo 35 42 dB MLPF-WB55-01E3 Characteristics DS12804 - Rev 3 page 2/13 |