| データシートサーチシステム |
|
85411AMILF データシート(PDF) 10 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
85411AMILF データシート(HTML) 10 Page - Renesas Technology Corp |
|
10 / 16 page ![]() 85411I Data Sheet ©2016 Integrated Device Technology, Inc Revision B January 20, 2016 10 LVDS DRIVER TERMINATION A general LVDS interface is shown in Figure 3. In a 100 Ω differential transmission line environment, LVDS drivers require a matched load termination of 100 Ω across near the receiver input. For a multiple LVDS outputs buffer, if only par tial outputs are used, it is recommended to terminate the unused outputs. FIGURE 3. TYPICAL LVDS DRIVER TERMINATION |