| データシートサーチシステム |
|
P87LPC764FD データシート(PDF) 28 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P87LPC764FD データシート(HTML) 28 Page - NXP Semiconductors |
|
28 / 56 page ![]() Philips Semiconductors Preliminary data 87LPC764 Low power, low price, low pin count (20 pin) microcontroller with 4 kbyte OTP 2001 Oct 26 25 Table 8. Sources of Wakeup from Power Down Mode Wakeup Source Conditions External Interrupt 0 or 1 The corresponding interrupt must be enabled. Keyboard Interrupt The keyboard interrupt feature must be enabled and properly set up. The corresponding interrupt must be enabled. Comparator 1 or 2 The comparator(s) must be enabled and properly set up. The corresponding interrupt must be enabled. Watchdog Timer Reset The watchdog timer must be enabled via the WDTE bit in the UCFG1 EPROM configuration byte. Watchdog Timer Interrupt The WDTE bit in the UCFG1 EPROM configuration byte must not be set. The corresponding interrupt must be enabled. Brownout Detect Reset The BOD bit in AUXR1 must not be set (brownout detect not disabled). The BOI bit in AUXR1 must not be set (brownout interrupt disabled). Brownout Detect Interrupt The BOD bit in AUXR1 must not be set (brownout detect not disabled). The BOI bit in AUXR1 must be set (brownout interrupt enabled). The corresponding interrupt must be enabled. Reset Input The external reset input must be enabled. |