| データシートサーチシステム |
|
AC03 データシート(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
AC03 データシート(HTML) 13 Page - NXP Semiconductors |
|
13 / 24 page ![]() 2000 Oct 20 13 BCcomponents Product specification Cemented wirewound resistors AC01/03/04/05/07/10/15/20 Fig.16 Pulse on a regular basis; maximum permissible peak pulse voltage as a function of pulse duration (ti). V ˆ max () AC07 5000 4000 3000 0 1000 10−6 10−5 10−4 10−3 10−2 10−1 1 CCB384 2000 ti (s) Vmax (V) ˆ Fig.17 Pulse on a regular basis; maximum permissible peak pulse power as a function of pulse duration (ti). P ˆ max () AC10 1 CCB385 10−1 10−2 10−3 10−4 1 10 102 103 105 104 ti (s) Pmax (W) ˆ tp/ti = 1000 tp/ti = 200 tp/ti = 50 tp/ti = 10 tp/ti = 2 0.22 Ω 2.2 Ω 33 Ω 240 Ω 15 k Ω |