| データシートサーチシステム |
|
DSP56600FM/AD データシート(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DSP56600FM/AD データシート(HTML) 2 Page - NXP Semiconductors |
|
2 / 76 page ![]() Preliminary ii DSP56652 Technical Data Sheet MOTOROLA DSP56652 SECTION 1 PIN AND SIGNAL DESCRIPTIONS. . . . . . . . . . . . . . . . . . . . . . . . . . 1-1 SECTION 2 SPECIFICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2-1 SECTION 3 PACKAGING . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-1 SECTION 4 DESIGN CONSIDERATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4-1 SECTION 5 ORDERING INFORMATION . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5-1 FOR TECHNICAL ASSISTANCE: Telephone: 1 (800) 521-6274 Email: dsphelp@dsp.sps.mot.com Internet: http://www.motorola-dsp.com Data Sheet Conventions This data sheet uses the following conventions: OVERBAR Used to indicate a signal that is active when pulled low; for example, the RESET pin is active when low “asserted” Means that a high true (active high) signal is high or that a low true (active low) signal is low “deasserted” Means that a high true (active high) signal is low or that a low true (active low) signal is high Examples: Signal/Symbol Logic State Signal State Voltage1 PIN True Asserted VIL/VOL PIN False Deasserted VIH/VOH PIN True Asserted VIH/VOH PIN False Deasserted VIL/VOL Note: Values for VIL, VOL, VIH, and VOH are defined by individual product specifications. TABLE OF CONTENTS Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |