データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7142 データシート(PDF) 26 Page - Analog Devices

部品番号 AD7142
部品情報  Programmable Capacitance-to-Digital Converter with Environmental Compensation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7142 データシート(HTML) 26 Page - Analog Devices

Back Button AD7142 Datasheet HTML 22Page - Analog Devices AD7142 Datasheet HTML 23Page - Analog Devices AD7142 Datasheet HTML 24Page - Analog Devices AD7142 Datasheet HTML 25Page - Analog Devices AD7142 Datasheet HTML 26Page - Analog Devices AD7142 Datasheet HTML 27Page - Analog Devices AD7142 Datasheet HTML 28Page - Analog Devices AD7142 Datasheet HTML 29Page - Analog Devices AD7142 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
AD7142
Rev. 0 | Page 26 of 68
STAGE0
STAGE1
STAGE2
STAGE3
STAGE4
STAGE5
STAGE6
STAGE7
STAGE8
STAGE9
STAGE10
STAGE11
23
1
INT
CONVERSIONS
SERIAL
READS
NOTES
THIS IS AN EXAMPLE OF A CDC CONVERSION COMPLETE INTERRUPT.
THIS TIMING EXAMPLE SHOWS THAT THE INTERRUPT OUTPUT HAS BEEN ENABLED TO BE ASSERTED AT THE END OF A CONVERSION CYCLE FOR
STAGE0, STAGE5, AND STAGE9. THE INTERRUPTS FOR ALL OTHER STAGES HAVE BEEN DISABLED.
STAGEx CONFIGURATION PROGRAMMING NOTES FOR STAGE0, STAGE5, AND STAGE9 (x = 0, 5, 9)
STAGEx_LOW_INT_EN (ADDRESS 0x005) = 0
STAGEx_HIGH_INT_EN (ADDRESS 0x006) = 0
STAGEx_COMPLETE_EN (ADDRESS 0x007) = 1
STAGEx CONFIGURATION PROGRAMMING NOTES FOR STAGE 1 THROUGH STAGE 8, STAGE10, AND STAGE11 (x = 1, 2, 3, 4, 5, 6, 7, 8, 10, 11)
STAGEx_LOW_INT_EN (ADDRESS 0x005) = 0
STAGEx_HIGH_INT_EN (ADDRESS 0x006) = 0
STAGEx_COMPLETE_EN (ADDRESS 0x007) = 0
SERIAL READBACK REQUIREMENTS FOR STAGE0, STAGE5 AND STAGE9. THIS READBACK OPERATION IS REQUIRED TO CLEAR THE INTERRUPT OUTPUT.
1. READ THE STAGE0_COMPLETE_STATUS_INT (ADDRESS 0x00A) REGISTER
2. READ THE STAGE5_COMPLETE_STATUS_INT (ADDRESS 0x00A) REGISTER
3. READ THE STAGE9_COMPLETE_STATUS_INT (ADDRESS 0x00A) REGISTER
Figure 36. Example of Configuring the Registers for End of Conversion Interrupt Setup
42
1
INT
CONVERSIONS
SERIAL
READS
NOTES
THIS IS AN EXAMPLE OF A SENSOR THRESHOLD INTERRUPT FOR A CASE WHERE THE LOW THRESHOLD LEVELS WERE EXCEEDED.
FOR EXAMPLE: THE SENSOR CONNECTED TO STAGE0 AND STAGE9 WERE CONTACTED AND THE LOW THRESHOLD LEVELS WERE EXCEEDED RESULTING
IN THE INTERRUPT BEING ASSERTED. THE STAGE6 INTERRUPT WAS NOT ASSERTED BECAUSE THE USER DID NOT CONTACT THE SENSOR CONNECTED TO
STAGE6.
STAGEx CONFIGURATION PROGRAMMING NOTES FOR STAGE 0, STAGE6, AND STAGE9 (x = 0, 6, 9)
STAGEx_LOW_INT_EN (ADDRESS 0x005) = 1
STAGEx_HIGH_INT_EN (ADDRESS 0x006) = 0
STAGEx_COMPLETE_EN (ADDRESS 0x007) = 0
STAGEx CONFIGURATION PROGRAMMING NOTES FOR STAGE 1 THROUGH STAGE7, STAGE8, STAGE10, AND STAGE11 (x = 1, 2, 3, 4, 5, 6, 7, 8, 10, 11)
STAGEx_LOW_INT_EN (ADDRESS 0x005) = 0
STAGEx_HIGH_INT_EN (ADDRESS 0x006) = 0
STAGEx_COMPLETE_EN (ADDRESS 0x007) = 0
SERIAL READBACK REQUIREMENTS FOR STAGE0 AND STAGE9. THIS READBACK OPERATION IS REQUIRED TO CLEAR THE INTERRUPT OUTPUT.
1. READ THE STAGE0_LOW_LIMIT_INT (ADDRESS 0x008) REGISTER
2. READ THE STAGE5_LOW_LIMIT_INT (ADDRESS 0x008) REGISTER
STAGE0
STAGE1
STAGE2
STAGE3
STAGE4
STAGE5
STAGE6
STAGE7
STAGE8
STAGE9
STAGE10
STAGE11
Figure 37. Example of Configuring the Registers for Sensor Interrupt Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68