データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1986ABSTZ データシート(PDF) 12 Page - Analog Devices

部品番号 AD1986ABSTZ
部品情報  AC ??7 and HD Audio SoundMAX Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1986ABSTZ データシート(HTML) 12 Page - Analog Devices

Back Button AD1986ABSTZ Datasheet HTML 8Page - Analog Devices AD1986ABSTZ Datasheet HTML 9Page - Analog Devices AD1986ABSTZ Datasheet HTML 10Page - Analog Devices AD1986ABSTZ Datasheet HTML 11Page - Analog Devices AD1986ABSTZ Datasheet HTML 12Page - Analog Devices AD1986ABSTZ Datasheet HTML 13Page - Analog Devices AD1986ABSTZ Datasheet HTML 14Page - Analog Devices AD1986ABSTZ Datasheet HTML 15Page - Analog Devices AD1986ABSTZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
AD1986A
Rev. 0 | Page 12 of 56
AC’97 REGISTERS
Table 22. Register Map
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x00 Reset
x
SE4
SE3
SE2
SE1
SE0
ID9
ID8
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
0x0290
0x02 Master Volume
LM
x
x
LV4
LV3
LV2
LV1
LV0
RM
x
x
RV4
RV3
RV2
RV1
RV0
0x8080
0x04 Headphones Volume
LM
x
x
LV4
LV3
LV2
LV1
LV0
RM
x
x
RV4
RV3
RV2
RV1
RV0
0x8080
0x06 Mono Volume
M
x
x
x
x
x
x
x
x
x
x
V4
V2
V2
V1
V0
0x8000
0x0A PC Beep
M
A/DS
x
F7
F6
F5
F4
F3
F2
F1
F0
V3
V2
V1
V0
x
0x8000
0x0C Phone Volume
M
x
x
x
x
x
x
x
x
x
x
V4
V3
V2
V1
V0
0x8008
0x0E
Microphone Volume
LM
x
x
LV4
LV3
LV2
LV1
LV0
RM
M20
x
RV4
RV3
RV2
RV1
RV0
0x8888
0x10 Line In Volume
LM
x
x
LV4
LV3
LV2
LV1
LV0
RM
x
x
RV4
RV3
RV2
RV1
RV0
0x8888
0x12 CD Volume
LM
x
x
LV4
LV3
LV2
LV1
LV0
RM
x
x
RV4
RV3
RV2
RV1
RV0
0x8888
0x16 AUX Volume
LM
x
x
LV4
LV3
LV2
LV1
LV0
RM
x
x
RV4
RV3
RV2
RV1
RV0
0x8888
0x18 Front DAC Volume
LM
x
x
LV4
LV3
LV2
LV1
LV0
RM
x
x
RV4
RV3
RV2
RV1
RV0
0x8888
0x1A ADC Select
x
x
x
x
x
LS2
LS1
LS0
x
x
x
x
x
RS2
RS1
RS0
0x0000
0x1C ADC Volume
LM
x
x
x
LV3
LV2
LV1
LV0
RM
x
x
x
RV3
RV2
RV1
RV0
0x8080
0x20 General Purpose
x
x
x
x
DRSS1
DRSS0
MIX
MS
LPBK
x
x
x
x
x
x
x
0x0000
0x24 Audio Int. and Paging I4
I3
I2
I1
I0
x
x
x
x
x
x
x
PG3
PG2
PG1
PG0
0xxx00
0x26 Power-Down Ctrl/Stat EAPD
PR6
PR5
PR4
PR3
PR2
PR1
PR0
x
x
x
x
REF
ANL
DAC
ADC
0x000x
0x28 Ext’d Audio ID
ID11
ID0
x
x
REV1
REV0
AMAP
LDAC
SDAC
CDAC DSA1
DSA0
x
SPDF
DRA
VRA
0x0BC7
0x2A Ext’d Audio Stat/Ctrl
x
x
PRK
PRJ
PRI
SPCV
x
LDAC
SDAC
CDAC SPSA1 SPSA0
x
SPDIF
DRA
VRA
0x0xx0
0x2C Front DAC PCM Rate
R15
R14
R13
R12
R11
R10
R09
R08
R07
R06
R05
R04
R03
R02
R01
R00
0xBB80
0x2E
Surr. DAC PCM Rate
R15
R14
R13
R12
R11
R10
R09
R08
R07
R06
R05
R04
R03
R02
R01
R00
0xBB80
0x30 C/LFE DAC PCM Rate
R15
R14
R13
R12
R11
R10
R09
R08
R07
R06
R05
R04
R03
R02
R01
R00
0xBB80
0x32 ADC PCM Rate
R15
R14
R13
R12
R11
R10
R09
R08
R07
R06
R05
R04
R03
R02
R01
R00
0xBB80
0x36 C/LFE DAC Volume
LFEM
x
x
LFE4
LFE3
LFE2
LFE1
LFE0
CNTM x
x
CNT4
CNT3
CNT2
CNT1
CNT0
0x8888
0x38 Surround DAC Volume LM
x
x
LV4
LV3
LV2
LV1
LV0
RM
x
x
RV4
RV3
RV2
RV1
RV0
0x8888
0x3A SPDIF Control
V
VCFG
SPSR
x
L
CC6
CC5
CC4
CC3
CC2
CC1
CC0
PRE
COPY
/AUDIO PRO
0x2000
0x60 EQ Control
EQM
x
x
x
x
x
x
x
SYM
CHS
BCA5
BCA4
BCA3
BCA2
BCA1
BCA0
0x8080
0x62 EQ Data
CFD15
CFD14
CFD13
CFD12 CFD11
CFD10
CFD9
CFD8
CFD7
CFD6 CFD5
CFD4
CFD3
CFD2
CFD1
CFD0
0xxxxx
0x70 Misc. Control Bits 2
x
x
x
MVREF2 MVREF1 MVREF0 x
x
MMDIS x
JSMAP CVREF2 CVREF1 CVREF0 x
x
0x0000
0x72 Jack Sense
JS1 SPRD JS1 DMX JS0 DMX JS MT2 JS MT1 JS MT0 JS1 EQB JS0 EQB x
x
JS1 MD JS0 MD JS1 ST JS0 ST JS1 INT JS0 INT 0x0000
0x74 Serial Configuration
SLOT16
REGM2
REGM1
REGM0 REGM3 OMS2
OMS1
OMS0
SPOVR LBKS1 LBKS0 INTS
CSWP
SPAL
SPDZ
SPLNK 0x1001
0x76 Misc. Control Bits 1
DACZ
AC97NC2 MSPLT
SODIS3 CLDIS
x
DMIX1 DMIX0 SPRD
2CMIC SOSEL SRU
LISEL1 LISEL0 MBG1
MBG0 0x6010
0x78 Advanced Jack Sense JS7ST
JS7INT
JS6ST
JS6INT JS5ST
JS5INT JS4ST
JS4INT JS4-7H x
JS3MD JS2MD
JS3ST
JS2ST
JS3INT JS2INT 0xxxxx
0x7A Misc. Control Bits 3
JSINVB
HPSEL1 HPSEL0 LOSEL
JSINVA LVREF2 LVREF1 LVREF0 x
x
x
LOHPEN GPO
MMIX
x
x
0x0000
0x7C Vendor ID1
F7
F6
F5
F4
F3
F2
F1
F0
S7
S6
S5
S4
S3
S2
S1
S0
0x4144
0x7E
Vendor ID2
T7
T6
T5
T4
T3
T2
T1
T0
REV7
REV6 REV5
REV4
REV3
REV2
REV1
REV0
0x5378
0x601 Codec Class/Rev
x
x
x
CL4
CL3
CL2
CL1
CL0
RV7
RV6
RV5
RV4
RV3
RV2
RV1
RV0
0x0002
0x621 PCI SVID
PVI15
PVI14
PVI13
PVI12
PVI11
PVI10
PVI9
PVI8
PVI7
PVI6
PVI5
PVI4
PVI3
PVI2
PVI1
PVI0
0xFFFF
0x641 PCI SID
PI15
PI14
PI13
PI12
PI11
PI10
PI9
PI8
PI7
PI6
PI5
PI4
PI3
PI2
PI1
PI0
0xFFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56