| データシートサーチシステム |
|
RYZ012 データシート(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RYZ012 データシート(HTML) 13 Page - Renesas Technology Corp |
|
13 / 21 page ![]() RYZ012 R12DS0002EU0101 Rev.1.01 Page 13 of 24 May.05.22 Layout Guidelines RYZ012A1 Place the module close to the board corner. Do not place any metal in the keep-out area (no traces, planes, components, batteries, screws …). Ensure that the module is properly connected to ground (for example, ground plane) Host PCB Antenna keep-out area: No copper or components allowed 6.1 mm RYZ012A1 Figure 8. RYZ012A1 Layout Guideline |