| データシートサーチシステム |
|
SC14WAMDECT データシート(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SC14WAMDECT データシート(HTML) 9 Page - Renesas Technology Corp |
|
9 / 37 page ![]() Datasheet Revision 3.1 05-Jan-2022 CFR0011-120-00-FM Rev 5 9 of 36 © 2022 Renesas Electronics SC14WAMDECT SF Wireless Audio Module FINAL 3.3 LOUDSPEAKER CONFIGURATION For a loudspeaker configuration the SC14WAMDECT SF module requires the external components listed in Table 4. Figure 3 shows the use of the module in a typical loud- speaker configuration. This SPEAKER configuration can be used for the FP of a Public Address System and for the PP of a Tour Guide System. Table 4: Loudspeaker configuration overview Item Supported Remark Battery Yes 2 NiMH or standard Alkaline cells. Loudspeaker Yes Connect to pins LSRp and LSRn (differential). Keys Yes Connect to pins CHG_DET/PON, VOL_UP/MUTE and VOL_DN. LEDs Yes PA mode: Connect to pins LED_RED1, LED_RED2 and LED_GRN. TG mode: Connect to pins LED_RED1 and LED_GRN. Figure 3: SPEAKER configuration SC14WAMDECT SF Keys LEDs Loudspeaker Battery |