データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6572 データシート(PDF) 14 Page - STMicroelectronics

部品番号 L6572
部品情報  High voltage smart ballast controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6572 データシート(HTML) 14 Page - STMicroelectronics

Back Button L6572 Datasheet HTML 10Page - STMicroelectronics L6572 Datasheet HTML 11Page - STMicroelectronics L6572 Datasheet HTML 12Page - STMicroelectronics L6572 Datasheet HTML 13Page - STMicroelectronics L6572 Datasheet HTML 14Page - STMicroelectronics L6572 Datasheet HTML 15Page - STMicroelectronics L6572 Datasheet HTML 16Page - STMicroelectronics L6572 Datasheet HTML 17Page - STMicroelectronics L6572 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Functional description
L6572
14/22
Doc ID 023882 Rev 1
The frequency of the clock generator is fixed with the external resistor RCL, increasing the
resistance of RCL and reducing fCL.
5.13
Counter
The counter is formed as binary counter. A digital network generates signals that activate
the ignition recognition unit and control the D/A converter and the rated current generation
unit. The counter is reset by the UVLO unit.
5.14
D/A converter
The D/A converter forms the ramps for the rated resonant current during the ignition phase
and the powerboost phase.
Figure 5.
Operating phases
Preheat - phase
Ignition
Powerboost
Normal
Ires
Ignition
Recognition
ω
AM14885v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22