データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M95M02-DFMN6P/KF データシート(PDF) 7 Page - STMicroelectronics

部品番号 M95M02-DFMN6P/KF
部品情報  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DFMN6P/KF データシート(HTML) 7 Page - STMicroelectronics

Back Button M95M02-DFMN6P/KF Datasheet HTML 3Page - STMicroelectronics M95M02-DFMN6P/KF Datasheet HTML 4Page - STMicroelectronics M95M02-DFMN6P/KF Datasheet HTML 5Page - STMicroelectronics M95M02-DFMN6P/KF Datasheet HTML 6Page - STMicroelectronics M95M02-DFMN6P/KF Datasheet HTML 7Page - STMicroelectronics M95M02-DFMN6P/KF Datasheet HTML 8Page - STMicroelectronics M95M02-DFMN6P/KF Datasheet HTML 9Page - STMicroelectronics M95M02-DFMN6P/KF Datasheet HTML 10Page - STMicroelectronics M95M02-DFMN6P/KF Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
4.1
SPI modes
These devices can be driven by a microcontroller with its SPI peripheral running in either of the following two
modes:
•
CPOL = 0, CPHA = 0
•
CPOL = 1, CPHA = 1
For these two modes, input data is latched in on the rising edge of serial clock (C), and output data is available
from the falling edge of serial clock (C).
The difference between the two modes, as shown in Figure 6, is the clock polarity when the bus master is in
stand-by mode and not transferring data:
•
C remains at 0 for (CPOL = 0, CPHA = 0)
•
C remains at 1 for (CPOL = 1, CPHA = 1)
Figure 6. SPI modes supported
MS42674V2
MSB
MSB
C
D
Q
C
CPOL
0
1
CPHA
0
1
M95M02-DR M95M02-DF
SPI modes
DS7024 - Rev 13
page 7/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45