データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M95M02-DRCS5P/KF データシート(PDF) 33 Page - STMicroelectronics

部品番号 M95M02-DRCS5P/KF
部品情報  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DRCS5P/KF データシート(HTML) 33 Page - STMicroelectronics

Back Button M95M02-DRCS5P/KF Datasheet HTML 29Page - STMicroelectronics M95M02-DRCS5P/KF Datasheet HTML 30Page - STMicroelectronics M95M02-DRCS5P/KF Datasheet HTML 31Page - STMicroelectronics M95M02-DRCS5P/KF Datasheet HTML 32Page - STMicroelectronics M95M02-DRCS5P/KF Datasheet HTML 33Page - STMicroelectronics M95M02-DRCS5P/KF Datasheet HTML 34Page - STMicroelectronics M95M02-DRCS5P/KF Datasheet HTML 35Page - STMicroelectronics M95M02-DRCS5P/KF Datasheet HTML 36Page - STMicroelectronics M95M02-DRCS5P/KF Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
Note:
The package top may be smaller than the package bottom. Dimensions D and E1 are determinated at the
outermost extremes of the plastic body exclusive of mold flash, tie bar burrs, gate burrs and interleads flash,
but including any mismatch between the top and bottom of plastic body. Measurement side for mold flash,
protusions or gate burrs is bottom side.
Figure 25. SO8N - Recommended footprint
1.27
0.6 (x8)
1.
Dimensions are expressed in millimeters.
M95M02-DR M95M02-DF
SO8N package information
DS7024 - Rev 13
page 33/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45