| データシートサーチシステム |
|
HCTS74DMSR データシート(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HCTS74DMSR データシート(HTML) 2 Page - Renesas Technology Corp |
|
2 / 9 page ![]() HCTS74MS FN2143 Rev 2.00 Page 2 of 9 September 1995 Functional Diagram 4(10) P N 2(12) CL CL P N CL CL 3(11) P N CL CL P N CL CL CL CL 6(8) 5(9) Q Q S D R CP 1(13) TRUTH TABLE INPUTS OUTPUTS SET RESET CP D Q Q LH X X HL HL X X LH L L X X H* H* HH HH L HH L L H H H L X Q0 Q0 NOTE: L = Logic Level Low, H = Logic Level High, X = Don’t Care = Transition from Low to High Level Q0 = The level of Q before the indicated input conditions were established. * This configuration is non-stable, that is, it will not persist when set and reset inputs return to their inactive (High) level. |