データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP1034ACP0Z-1-R7 データシート(PDF) 9 Page - Analog Devices

部品番号 ADP1034ACP0Z-1-R7
部品情報  Evaluating the AD74115H Single-Channel, Software Configurable Input and Output with HART Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADP1034ACP0Z-1-R7 データシート(HTML) 9 Page - Analog Devices

Back Button ADP1034ACP0Z-1-R7 Datasheet HTML 5Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 6Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 7Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 8Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 9Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 10Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 11Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 12Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
User Guide
EVAL-AD74115H
SOFTWARE QUICK START PROCEDURES
analog.com
Rev. 0 | 9 of 24
Register Map
The register map can also be used to interface directly to the
AD74115H.
The immediate mode allows register writes to execute as soon as
the bit fields are changed.
In deferred mode, to apply register edits to the AD74115H click
the Write Register button. To manually read from the device in
deferred mode, click the Read Register button (see Figure 8).
Figure 8. Register Map Display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24