| データシートサーチシステム |
|
ICS841S012DI データシート(PDF) 20 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS841S012DI データシート(HTML) 20 Page - Renesas Technology Corp |
|
20 / 24 page ![]() 841S012DI Datasheet ©2016 Integrated Device Technology, Inc January 4, 2016 20 PACKAGE OUTLINE - K SUFFIX FOR 56 LEAD VFQFN TABLE 9. PACKAGE DIMENSIONS Reference Document: JEDEC Publication 95, MO-220 NOTE: The following package mechanical drawing is a generic drawing that applies to any pin count VFQFN package.This drawing is not intended to convey the actual pin count or pin layout of this device. The pin count and pinout are shown on the front page. The package dimensions are in Table 9 below. JEDEC VARIATION ALL DIMENSIONS IN MILLIMETERS SYMBOL MINIMUM MAXIMUM N 56 A 0.80 1.0 A1 0 0.05 A3 0.25 Reference b 0.18 0.30 e 0.50 BASIC N D 14 N E 14 D 8.0 D2 4.35 4.65 E 8.0 E2 5.05 5.35 L 0.3 0.55 |