データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV3012 データシート(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV3012
部品情報  TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1 and TLV3012B-Q1 Low-Power Comparators With Integrated 1.24 V Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TLV3012 データシート(HTML) 33 Page - Texas Instruments

Back Button TLV3012 Datasheet HTML 29Page - Texas Instruments TLV3012 Datasheet HTML 30Page - Texas Instruments TLV3012 Datasheet HTML 31Page - Texas Instruments TLV3012 Datasheet HTML 32Page - Texas Instruments TLV3012 Datasheet HTML 33Page - Texas Instruments TLV3012 Datasheet HTML 34Page - Texas Instruments TLV3012 Datasheet HTML 35Page - Texas Instruments TLV3012 Datasheet HTML 36Page - Texas Instruments TLV3012 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
22-Apr-2023
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TLV3011AQDBVRQ1
SOT-23
DBV
6
3000
210.0
185.0
35.0
TLV3011AQDCKRQ1
SC70
DCK
6
3000
180.0
180.0
18.0
TLV3011BQDBVRQ1
SOT-23
DBV
6
3000
210.0
185.0
35.0
TLV3011BQDCKRQ1
SC70
DCK
6
3000
180.0
180.0
18.0
TLV3012AQDCKRQ1
SC70
DCK
6
3000
200.0
183.0
25.0
TLV3012BQDBVRQ1
SOT-23
DBV
6
3000
210.0
185.0
35.0
TLV3012BQDCKRQ1
SC70
DCK
6
3000
180.0
180.0
18.0
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39