データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL6161 データシート(PDF) 13 Page - Renesas Technology Corp

部品番号 ISL6161
部品情報  Dual Power Distribution Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6161 データシート(HTML) 13 Page - Renesas Technology Corp

Back Button ISL6161 Datasheet HTML 6Page - Renesas Technology Corp ISL6161 Datasheet HTML 7Page - Renesas Technology Corp ISL6161 Datasheet HTML 8Page - Renesas Technology Corp ISL6161 Datasheet HTML 9Page - Renesas Technology Corp ISL6161 Datasheet HTML 10Page - Renesas Technology Corp ISL6161 Datasheet HTML 11Page - Renesas Technology Corp ISL6161 Datasheet HTML 12Page - Renesas Technology Corp ISL6161 Datasheet HTML 13Page - Renesas Technology Corp ISL6161 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
ISL6161
FN9104 Rev.7.00
Page 13 of 14
Aug 16, 2018
M14.15
14 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE
Rev 1, 10/09
A
D
4
0.25
A-B
MC
C
0.10 C
5
B
D
3
0.10 A-B
C
4
0.20 C 2X
2X
0.10
D
C
2X
H
0.10 C
6
3
6
ID MARK
PIN NO.1
(0.35) x 45°
SEATING PLANE
GAUGE PLANE
0.25
(5.40)
(1.50)
1.27
0.31-0.51
4° ± 4°
DETAIL"A"
0.22±0.03
0.10-0.25
1.25 MIN
1.75 MAX
(1.27)
(0.6)
6.0
8.65
3.9
7
14
8
Dimensioning and tolerancing conform to AMSEY14.5m-1994.
Dimension does not include interlead flash or protrusions.
Dimensions in (
) for Reference Only.
Interlead flash or protrusions shall not exceed 0.25mm per side.
Datums A and B to be determined at Datum H.
4.
5.
3.
2.
Dimensions are in millimeters.
NOTES:
1.
The pin #1 indentifier may be either a mold or mark feature.
6. Does not include dambar protrusion. Allowable dambar protrusion
7. Reference to JEDEC MS-012-AB.
shall be 0.10mm total in excess of lead width at maximum condition.
DETAIL "A"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
For the most recent package outline drawing, see M14.15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com