| データシートサーチシステム |
|
M66596 データシート(PDF) 57 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M66596 データシート(HTML) 57 Page - Renesas Technology Corp |
|
57 / 133 page ![]() M66596FP/WG rev .1.00 2006.3.14 page 55 of 127 3.1.7.7 Oscillation enable by Hardware In the following cases, this controller enables an oscillation automatically ("XCKE=1"). By using in accordance with an automatic clock supply function, timing design is easy. - RESUME detection In the suspended state of Peripheral mode if a change in the state of the USB bus (J-State to K-State/SE0)was detected. - Return from the low-power sleep state |