| データシートサーチシステム |
|
BAS40 データシート(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BAS40 データシート(HTML) 2 Page - NXP Semiconductors |
|
2 / 8 page ![]() 1999 Apr 28 2 Philips Semiconductors Product specification Schottky barrier (double) diodes BAS40 series FEATURES • Low forward voltage • Guard ring protected • Small plastic SMD package • Low diode capacitance. APPLICATIONS • Ultra high-speed switching • Voltage clamping • Protection circuits • Blocking diodes. DESCRIPTION Planar Schottky barrier diodes with an integrated guard ring for stress protection. Single diodes and double diodes with different pinning are available. The diodes BAS40, BAS40-04, BAS40-05 and BAS40-06 are encapsulated in a SOT23 small plastic SMD package. The BAS40-07 is encapsulated in a SOT143B small plastic SMD package PINNING SOT23 (see Fig.1a) PIN DESCRIPTION BAS40 (see Fig.1b) BAS40-04 (see Fig.1c) BAS40-05 (see Fig.1d) BAS40-06 (see Fig.1e) 1a1 a1 a1 k1 2 n.c. k2 a2 k2 3k1 k1,a2 k1,k2 a1,a2 Fig.1 Simplified outline (SOT23) and symbols. d. BAS40-05. e. BAS40-06. b. BAS40 single diode. a. Simplified outline SOT23. c. BAS40-04 handbook, 2 columns 2 1 3 MGC482 Top view handbook, 2 columns 1 3 2 n.c. MGC483 handbook, 2 columns MGC484 12 3 handbook, 2 columns MGC485 12 3 handbook, 2 columns MGC486 12 3 Fig.2 Simplified outline (SOT143B) BAS40-07 and symbol. handbook, halfpage 43 2 1 Top view MAM194 2 3 4 1 MARKING Note 1. ∗ = p: Made in Hong Kong. ∗ = t: Made in Malaysia. PINNING SOT143B (see Fig.2) TYPE NUMBER MARKING CODE (1) BAS40 43 ∗ BAS40-04 44 ∗ BAS40-05 45 ∗ BAS40-06 46 ∗ BAS40-07 47p PIN DESCRIPTION BAS40-07 1k1 2k2 3a2 4a1 |