データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT721 データシート(PDF) 2 Page - NXP Semiconductors

部品番号 BAT721
部品情報  Schottky barrier double diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT721 データシート(HTML) 2 Page - NXP Semiconductors

  BAT721 Datasheet HTML 1Page - NXP Semiconductors BAT721 Datasheet HTML 2Page - NXP Semiconductors BAT721 Datasheet HTML 3Page - NXP Semiconductors BAT721 Datasheet HTML 4Page - NXP Semiconductors BAT721 Datasheet HTML 5Page - NXP Semiconductors BAT721 Datasheet HTML 6Page - NXP Semiconductors BAT721 Datasheet HTML 7Page - NXP Semiconductors BAT721 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 May 06
2
Philips Semiconductors
Product specification
Schottky barrier (double) diodes
BAT721 series
FEATURES
• Ultra high switching speed
• Low forward voltage
• Guard ring protected
• Small plastic SMD package.
APPLICATIONS
• Ultra high-speed switching
• Voltage clamping
• Protection circuits.
DESCRIPTION
Planar Schottky barrier diodes
encapsulated in a SOT23 small
plastic SMD package. Single diodes
and double diodes with different
pinning are available.
MARKING
Note
1.
∗ = p : Made in Hong Kong.
∗ = t : Made in Malaysia.
TYPE
NUMBER
MARKING
CODE(1)
BAT721
L7
∗
BAT721A
L8
∗
BAT721C
L9
∗
BAT721S
L0
∗
PINNING
PIN
BAT721
AC
S
1a
k1
a1
a1
2
n.c.
k2
a2
k2
3k
a1,a2 k1,k2 k1,a2
Fig.1
Simplified outline
(SOT23) and pin
configuration.
handbook, 2 columns
2
1
3
MGC421
Top view
Fig.2
BAT721 single diode
configuration (symbol).
3
12
n.c.
MLC357
Fig.3
BAT721A diode
configuration (symbol).
3
12
MLC360
Fig.4
BAT721C diode
configuration (symbol).
3
12
MLC359
Fig.5
BAT721S diode
configuration (symbol).
3
12
MLC358



Html Pages

1 2 3 4 5 6 7 8