| データシートサーチシステム |
|
BAS21H データシート(PDF) 2 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
BAS21H データシート(HTML) 2 Page - Nexperia B.V. All rights reserved |
|
2 / 10 page ![]() BAS21H © Nexperia B.V. 2006. All rights reserved. Product data sheet Rev. 02 — 3 November 2006 2 of 10 Nexperia BAS21H Single high-voltage switching diode 2. Pinning information [1] The marking bar indicates the cathode. 3. Ordering information 4. Marking Table 2. Pinning Pin Description Simplified outline Symbol 1 cathode [1] 2 anode 2 1 sym001 12 Table 3. Ordering information Type number Package Name Description Version BAS21H - plastic surface-mounted package; 2 leads SOD123F Table 4. Marking codes Type number Marking code BAS21H B2 |