データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9961 データシート(PDF) 47 Page - STMicroelectronics

部品番号 L9961
部品情報  Battery management system solution
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 データシート(HTML) 47 Page - STMicroelectronics

Back Button L9961_V01 Datasheet HTML 43Page - STMicroelectronics L9961_V01 Datasheet HTML 44Page - STMicroelectronics L9961_V01 Datasheet HTML 45Page - STMicroelectronics L9961_V01 Datasheet HTML 46Page - STMicroelectronics L9961_V01 Datasheet HTML 47Page - STMicroelectronics L9961_V01 Datasheet HTML 48Page - STMicroelectronics L9961_V01 Datasheet HTML 49Page - STMicroelectronics L9961_V01 Datasheet HTML 50Page - STMicroelectronics L9961_V01 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 65 page
background image
4
Device register map
L9961 register map is available in the register map file embedded in this document.
Registers are classified according to the following syntax:
•
RO = Read Only
•
RW = Read/Write
•
WO = Write Only
•
RLW = Clear On Write
Default values of configuration registers written in the NVM correspond to the default ST factory settings. If these
values are rewritten by user FW and pushed into the NVM, the default value at each powerup will correspond to
the user settings.
L9961
Device register map
DS14012 - Rev 3
page 47/65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65