データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CEV2306A データシート(PDF) 1 Page - CET-MOS Technology Corp.

部品番号 CEV2306A
部品情報  N-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CET-MOS [CET-MOS Technology Corp.]
ホームページ  https://www.cet-mos.com/en/index.asp
Logo CET-MOS - CET-MOS Technology Corp.

CEV2306A データシート(HTML) 1 Page - CET-MOS Technology Corp.

  CEV2306A Datasheet HTML 1Page - CET-MOS Technology Corp. CEV2306A Datasheet HTML 2Page - CET-MOS Technology Corp. CEV2306A Datasheet HTML 3Page - CET-MOS Technology Corp. CEV2306A Datasheet HTML 4Page - CET-MOS Technology Corp. CEV2306A Datasheet HTML 5Page - CET-MOS Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
N-Channel Enhancement Mode Field Effect Transistor
CEV2306A
FEATURES
20V, 2.2A, RDS(ON) = 45mW @VGS = 4.5V.
RDS(ON) = 55mW @VGS = 2.5V.
High dense cell design for extremely low RDS(ON).
Rugged and reliable.
SOT-323 package.
ABSOLUTE MAXIMUM RATINGS TA = 25 C unless otherwise noted
Parameter
Symbol
Limit
Units
Drain-Source Voltage
Gate-Source Voltage
Drain Current-Continuous
Drain Current-Pulsed a
Maximum Power Dissipation
VDS
VGS
ID
PD
IDM
20
0.35
8.8
2.2
±12
V
W
A
A
V
1
S
G
D
RoHS compliant.
Rev 1. 2021.May
http://www.cet-mos.com
RDS(ON) = 110mW @VGS = 1.8V.
Details are subject to change without notice .
G
D
S
SOT-323(SC-70)
Operating and Store Temperature Range
TJ,Tstg
-55 to 150
C
Thermal Characteristics
Thermal Resistance, Junction-to-Ambient b
Parameter
Symbol
Limit
Units
C/W
360
RqJA


同様の部品番号 - CEV2306A

メーカー部品番号データシート部品情報
logo
CET-MOS Technology Corp...
CEV2301 CET-MOS-CEV2301 Datasheet
606Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
Rev 2. 2011.July
CEV2301A CET-MOS-CEV2301A Datasheet
519Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2021.May
More results

同様の説明 - CEV2306A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com