データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMUX7221 データシート(PDF) 32 Page - Texas Instruments

部品番号 TMUX7221
部品情報  TMUX722x 44 V, Low-RON, 1:1 (SPST), 2-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TMUX7221 データシート(HTML) 32 Page - Texas Instruments

Back Button TMUX7221 Datasheet HTML 28Page - Texas Instruments TMUX7221 Datasheet HTML 29Page - Texas Instruments TMUX7221 Datasheet HTML 30Page - Texas Instruments TMUX7221 Datasheet HTML 31Page - Texas Instruments TMUX7221 Datasheet HTML 32Page - Texas Instruments TMUX7221 Datasheet HTML 33Page - Texas Instruments TMUX7221 Datasheet HTML 34Page - Texas Instruments TMUX7221 Datasheet HTML 35Page - Texas Instruments TMUX7221 Datasheet HTML 36Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
11.2 Tape and Reel Information
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
Reel
Diameter
User Direction of Feed
P1
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width W1
(mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
PTMUX7221DGSR
VSSOP
DGS
10
2500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
PTMUX7222DGSR
VSSOP
DGS
10
2500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
TMUX7221, TMUX7222
SCDS444 – FEBRUARY 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX7221 TMUX7222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36