| データシートサーチシステム |
|
ZLED7000 データシート(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZLED7000 データシート(HTML) 4 Page - Renesas Technology Corp |
|
4 / 19 page ![]() ZLED7000 Datasheet © 2016 Integrated Device Technology, Inc. 4 April 20, 2016 List of Figures Figure 2.1 Directly Driving ADJ Input with a PWM Control Signal ................................................................................. 10 Figure 2.2 External DC Control Voltage at ADJ Pin ...................................................................................................... 10 Figure 2.3 Driving ADJ Input from a Microcontroller ...................................................................................................... 11 Figure 3.1 Output Ripple Reduction .............................................................................................................................. 14 Figure 6.1 Pin Configuration and Package Drawing SOT89-5 ...................................................................................... 16 List of Tables Table 1.1 Absolute Maximum Ratings............................................................................................................................ 5 Table 1.2 Operating Conditions...................................................................................................................................... 5 Table 1.3 Electrical Parameters ..................................................................................................................................... 5 Table 4.1 Pin Description SOT89-5.............................................................................................................................. 16 Table 4.2 Package Dimensions SOT89-5 .................................................................................................................... 16 |