データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EDGAC0 データシート(PDF) 2 Page - ITT Industries

部品番号 EDGAC0
部品情報  ED Domes and EDM Domes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ITT [ITT Industries]
ホームページ  http://www.ittcannon.com
Logo ITT - ITT Industries

EDGAC0 データシート(HTML) 2 Page - ITT Industries

  EDGAC0 Datasheet HTML 1Page - ITT Industries EDGAC0 Datasheet HTML 2Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
www.ittcannon.com
A-37
ED Domes and EDM Domes
Dimensional Drawings
Switch action principal
The disc contact is essentially made
of two separate conductive domes
diaphragms separated by an insulated
material.
The upper diaphragm is shaped so that
under pressure it collapses suddenly
and establishes contact with the lower
diaphragm.
Upper diaphragm
Lower diaphragm
SWITCH IN RESTING POSITION
Pressure
Insulating
washer
Circular contact area
SWITCH IN ACTIVE POSITION
Ordering code
1234
Example:
ED
S
SC
0
1
Designation: ED / EDM450 / EDM650
2
Contact material:
S = silver,
G = gold
3
Contacts:
AC = with PC pins,
SC = with tabs
4
Sealing: 0 = flux sealed,
1 = totally sealed
12.7
(0.5)
10.35
(0.407)
0.8
(0.0315)
11.36
(0.447)
5.7 (0.224)
11.3
(0.445)
12
(0.472)
1.2
(0.0472)
ED Domes



Html Pages

1 2