| データシートサーチシステム |
|
TL16C752BTPTREP データシート(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL16C752BTPTREP データシート(HTML) 21 Page - Texas Instruments |
|
21 / 35 page ![]() TL16C752B-EP 3.3-V DUAL UART WITH 64-BYTE FIFO SGLS153 – FEBRUARY 2003 21 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Start Bit 5 Data Bits 6 Data Bits 7 Data Bits Parity Bit Stop Bit Next Data Start Bit Data Bits (5–8) td12 td14 16 Baud Rate Clock TX (A–B) INT (A–B) IOW D0 D1 D2 D3 D4 D5 D6 D7 Active Tx Ready Active td13 Active Figure 18. Transmit Timing Start Bit Parity Bit Stop Bit Next Data Start Bit Data Bits (5–8) td17 td18 TX (A–B) TXRDY (A–B) IOW D0 D1 D2 D3 D4 D5 D6 D7 Active Transmitter Not Ready Byte 1 Active Transmitter Ready D0–D7 Figure 19. Transmit Ready Timing in Non-FIFO Mode |