| データシートサーチシステム |
|
HC705C9AGRS/D データシート(PDF) 131 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705C9AGRS/D データシート(HTML) 131 Page - NXP Semiconductors |
|
131 / 157 page ![]() General Release Specification Operating Temperature MC68HC705C9A — Rev. 2.0 Electrical Specifications 12.3 Operating Temperature 12.4 Thermal Characteristics Characteristic Symbol Value Unit Operating Temperature Range TA –40 to +85 °C Characteristic Symbol Value Unit Thermal Resistance Plastic Dual-In-Line (PDIP) θ JA 60 °C/W Thermal Resistance Plastic Leaded Chip Carrier (PLCC) θ JA 70 °C/W Thermal Resistance Quad Flat Pack (QFP) θ JA 95 °C/W Thermal Resistance Plastic Shrink DIP (SDIP) θ JA 60 °C/W Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |