| データシートサーチシステム |
|
HC705C9AGRS/D データシート(PDF) 80 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705C9AGRS/D データシート(HTML) 80 Page - NXP Semiconductors |
|
80 / 157 page ![]() General Release Specification Introduction MC68HC705C9A — Rev. 2.0 Serial Communications Interface (SCI) 9.2 Introduction This section describes the on-chip asynchronous serial communications interface (SCI). The SCI allows full-duplex, asynchronous, RS232 or RS422 serial communication between the MCU and remote devices, including other MCUs. The transmitter and receiver of the SCI operate independently, although they use the same baud rate generator. 9.3 Features Features of the SCI include: • Standard Mark/Space Non-Return-to-Zero Format • Full Duplex Operation • 32 Programmable Baud Rates • Programmable 8-Bit or 9-Bit Character Length • Separately Enabled Transmitter and Receiver • Two Receiver Wakeup Methods: – Idle Line Wakeup – Address Mark Wakeup • Interrupt-Driven Operation Capability with Five Interrupt Flags: – Transmitter Data Register Empty – Transmission Complete – Transmission Data Register Full – Receiver Overrun – Idle Receiver Input • Receiver Framing Error Detection • 1/16 Bit-Time Noise Detection Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |