| データシートサーチシステム |
|
HC705C9AGRS/D データシート(PDF) 121 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705C9AGRS/D データシート(HTML) 121 Page - NXP Semiconductors |
|
121 / 157 page ![]() General Release Specification Instruction Types MC68HC05K3 — Rev. 2.0 Instruction Set 11.4.5 Control Instructions These instructions act on CPU registers and control CPU operation during program execution. Table 11-5. Control Instructions Instruction Mnemonic Clear Carry Bit CLC Clear Interrupt Mask CLI No Operation NOP Reset Stack Pointer RSP Return from Interrupt RTI Return from Subroutine RTS Set Carry Bit SEC Set Interrupt Mask SEI Stop Oscillator and Enable IRQ Pin STOP Software Interrupt SWI Transfer Accumulator to Index Register TAX Transfer Index Register to Accumulator TXA Stop CPU Clock and Enable Interrupts WAIT Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |