| データシートサーチシステム |
|
2QSP28-RJ3-221331LF データシート(PDF) 2 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
2QSP28-RJ3-221331LF データシート(HTML) 2 Page - Bourns Electronic Solutions |
|
2 / 4 page ![]() Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. Thin Film on Silicon 2QSP / 2NBS -XX3 Dual Terminator A .635 (.025) TYP. 3.81 - 3.99 (.150 - .157) PIN 1 .21 - .31 (.008 - .012) 1.35 - 1.75 (.053 - .069) .10 - .25 (.004 - .010) 0-8 ° .19 - .25 (.007 - .010) .41 - 1.27 (.016 - .050) 5.80 - 6.20 (.228 - .244) 3.81 - 3.99 (.150 - .157) A 1.27 (.050) TYP. PIN 1 0.36 - 0.46 (.014 - .018) 1.35 - 1.75 (.053 - .069) .10 - .25 (.004 - .010) 0-8 ° .19 - .25 (.007 - .010) 5.80 - 6.20 (.228 - .244) .41 - 1.27 (.016 - .050) Model A 2QSP16 4.80 - 4.98 (.189 - .196) 2QSP20 8.56 - 8.74 (.337 - .344) 2QSP24 8.56 - 8.74 (.337 - .344) 2QSP28 9.80 - 9.98 (.386 - .393) Governing dimensions are in mm. Dimensions in parentheses are in inches and are approximate. JEDEC Reference Number MO-137. Model A 2NBS08 4.80 - 4.98 (.189 - .196) 2NBS14 8.56 - 8.74 (.337 - .344) 2NBS16 9.80 - 9.98 (.386 - .393) Governing dimensions are in mm. Dimensions in parentheses are in inches and are approximate. JEDEC Reference Number MS-012. Mechanical Characteristics QSOP Package Dimensions Narrow-Body SOIC Package Dimensions |