| データシートサーチシステム |
|
MF-RX016F-A5-2 データシート(PDF) 3 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-RX016F-A5-2 データシート(HTML) 3 Page - Bourns Electronic Solutions |
|
3 / 5 page ![]() Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. MF-RX/250 Series - Telecom PTC Resettable Fuses How to Order MF - RX 012/250 U - A 5 - 2 Multifuse® Product Designator Series RX = Radial Leaded Component Hold Current, Ihold 008-018 (0.08-0.18 Amps) Max. Interrupt Voltage, V 250 (250 Volts) Telecom Options F = Round Version (MF-RX018/250F only) U = Uncoated (radial parts only) Resistance Sorted Narrow resistance ranges - see Resistance Options chart Resistance Bins of 0.5 ohms 05 = 0.5 ohm binned parts (epoxy coated) 5 = 0.5 ohm binned parts (uncoated) Packaging Options - 0 = Bulk Packaging - 2 = Tape and Reel* (available with binned option) *Packaged per EIA486-B Typical Time to Trip at 23 °C 1000 100 10 1 0.10 0.01 0 Fault Current (Amps) 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 MF-RX018/250, MF-RX018/250F, MF-RX018/250U MF-RX012/250 & MF-RX012/250U MF-RX014/250 & MF-RX014/250U MF-RX/250, REV. F, 02/06 Initial Resistance Values R1max Bin Ohms @ 23 °C Ohms @ 23 °C Model Min. Max. Max. MF-RX012/250 4.0 8.0 16.0 0.5 MF-RX012/250-A05 7.0 9.0 16.0 0.5 MF-RX012/250-C05 5.5 7.5 14.0 0.5 MF-RX012/250-F05 6.0 10.5 16.0 0.5 MF-RX012/250-105 6.0 9.0 16.0 0.5 MF-RX012/250-205 8.0 10.5 16.0 0.5 MF-RX012/250-T05 7.0 12.0 16.0 0.5 MF-RX012/250U 6.0 10.0 16.0 0.5 MF-RX014/250 3.0 6.0 14.0 0.5 MF-RX014/250-A05 3.0 5.5 12.0 0.5 MF-RX014/250-B05 4.5 6.0 14.0 0.5 MF-RX014/250U 3.5 6.5 12.0 0.5 MF-RX018/250-F05 0.8 2.2 4.0 0.5 Resistance Options |