データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL55191 データシート(PDF) 1 Page - Renesas Technology Corp

部品番号 ISL55191
部品情報  Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL55191 データシート(HTML) 1 Page - Renesas Technology Corp

  ISL55191 Datasheet HTML 1Page - Renesas Technology Corp ISL55191 Datasheet HTML 2Page - Renesas Technology Corp ISL55191 Datasheet HTML 3Page - Renesas Technology Corp ISL55191 Datasheet HTML 4Page - Renesas Technology Corp ISL55191 Datasheet HTML 5Page - Renesas Technology Corp ISL55191 Datasheet HTML 6Page - Renesas Technology Corp ISL55191 Datasheet HTML 7Page - Renesas Technology Corp ISL55191 Datasheet HTML 8Page - Renesas Technology Corp ISL55191 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
FN6263 Rev 1.00
Page 1 of 18
March 30, 2007
FN6263
Rev 1.00
March 30, 2007
ISL55191, ISL55291
Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
Amp
DATASHEET
The ISL55191 and ISL55291 are single and dual high speed
operational amplifiers featuring low noise, low distortion, and
rail-to-rail output drive capability. They are designed to
operate with single and dual supplies from +5VDC
(±2.5VDC) down to +3VDC (±1.5VDC). These amplifiers
draw 6.1mA of quiescent supply current per amplifier. For
power conservation, this family offers a low-power shutdown
mode that reduces supply current to 21µA and places the
amplifiers' output into a high impedance state. The ISL55191
ENABLE logic places the device in the shutdown mode with
EN = 0 and the ISL55291 is placed in the shutdown mode
with EN = 1.
These amplifiers have excellent input and output overload
recovery times and outputs that swing rail-to-rail. Their input
common mode voltage range includes ground. The
ISL55191 and ISL55291 are stable at gains as low as 10
with an input referred noise voltage of 1.3nV/Hz and
harmonic distortion products -94dBc (2nd) and -104dBc
(3rd) below a 1MHz 2VP-P signal.
The ISL55191 is available in space-saving 8 Ld DFN and 8 Ld
SOIC packages. The ISL55291 is available in a 10 Ld MSOP
package.
Features
• 1.3nV/
Hz input voltage noise, fO = 1kHz
• Harmonic Distortion -94dBc, -104dBc, fO = 1MHz
• Stable at gains as low as 10
• 800MHz gain bandwidth product (AV = 10)
• 260V/µs slew rate
• 6.1mA supply current (21µA in disable mode)
• 800µV maximum offset voltage
• 12µA input bias current
• 3V to 5.5V single supply voltage range
• Rail-to-rail output
• Pb-free plus anneal available (RoHS compliant)
Applications
• High speed pulse applications
• Low noise signal processing
• ADC buffers
• DAC output amplifiers
• Radio systems
• Portable equipment
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
TAPE
AND
REEL
PACKAGE
(Pb-Free)
PKG.
DWG.
#
ISL55191IBZ
55191 IBZ
-
8 Ld SOIC
MDP0027
ISL55191IBZ-T13 55191 IBZ
13”
(2,500 pcs)
8 Ld SOIC
Tape and Reel
MDP0027
ISL55191IRZ
191Z
-
8 Ld DFN
L8.3x3D
ISL55191IRZ-T13 191Z
13”
(2,500 pcs)
8 Ld DFN
Tape and Reel
L8.3x3D
ISL55291IUZ
5291Z
-
10 Ld MSOP
MDP0043
ISL55291IUZ-T13 5291Z
13”
(2,500 pcs)
10 Ld MSOP
Tape and Reel
MDP0043
Coming Soon
ISL55191EVAL1Z
Evaluation Board
Coming Soon
ISL55291EVAL1Z
Evaluation Board
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
TABLE 1. ENABLE LOGIC
ENABLE
DISABLE
ISL55191
EN = 1
EN = 0
ISL55291
EN = 0
EN = 1
OBSOLE
TE PROD
UCT
POSSIBL
E SUBST
ITUTE PR
ODUCT
ISL55190
, ISL5529
0


同様の部品番号 - ISL55191

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL55191 INTERSIL-ISL55191 Datasheet
880Kb / 18P
Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op Amp
March 30, 2007
ISL55191EVAL1Z INTERSIL-ISL55191EVAL1Z Datasheet
880Kb / 18P
Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op Amp
March 30, 2007
ISL55191IBZ INTERSIL-ISL55191IBZ Datasheet
880Kb / 18P
Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op Amp
March 30, 2007
ISL55191IBZ-T13 INTERSIL-ISL55191IBZ-T13 Datasheet
880Kb / 18P
Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op Amp
March 30, 2007
ISL55191IRZ INTERSIL-ISL55191IRZ Datasheet
880Kb / 18P
Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op Amp
March 30, 2007
More results

同様の説明 - ISL55191

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL55191 INTERSIL-ISL55191 Datasheet
880Kb / 18P
Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op Amp
March 30, 2007
ISL28191 INTERSIL-ISL28191 Datasheet
1Mb / 14P
Single and Dual Ultra-Low Noise, Rail-to-Rail, Op Amp
April 13, 2007
ISL28190 INTERSIL-ISL28190 Datasheet
908Kb / 14P
Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Op Amp
April 13, 2007
ISL55190 INTERSIL-ISL55190 Datasheet
961Kb / 18P
Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
March 30, 2007
ISL28190 INTERSIL-ISL28190_08 Datasheet
1Mb / 16P
Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
March 17, 2008
ISL28191 INTERSIL-ISL28191_08 Datasheet
1Mb / 16P
Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
February 20, 2008
logo
Renesas Technology Corp
ISL28190 RENESAS-ISL28190 Datasheet
1Mb / 19P
Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28191 RENESAS-ISL28191 Datasheet
1Mb / 18P
Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
ISL28290 RENESAS-ISL28290 Datasheet
1Mb / 21P
Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
ISL55190 RENESAS-ISL55190 Datasheet
1Mb / 18P
Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
March 30, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com