データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL91301B データシート(PDF) 1 Page - Renesas Technology Corp

部品番号 ISL91301B
部品情報  Triple/Quad Output PMIC with I2C Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL91301B データシート(HTML) 1 Page - Renesas Technology Corp

  ISL91301B Datasheet HTML 1Page - Renesas Technology Corp ISL91301B Datasheet HTML 2Page - Renesas Technology Corp ISL91301B Datasheet HTML 3Page - Renesas Technology Corp ISL91301B Datasheet HTML 4Page - Renesas Technology Corp ISL91301B Datasheet HTML 5Page - Renesas Technology Corp ISL91301B Datasheet HTML 6Page - Renesas Technology Corp ISL91301B Datasheet HTML 7Page - Renesas Technology Corp ISL91301B Datasheet HTML 8Page - Renesas Technology Corp ISL91301B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
FN8962 Rev.1.00
Page 1 of 51
Feb 20, 2020
FN8962
Rev.1.00
Feb 20, 2020
ISL91212A, ISL91212B
Triple/Quad Output PMIC with I2C Interface
DATASHEET
Add
The ISL91212A is a four-phase, three output
programmable Power Management IC (PMIC) and the
ISL91212B is a four-phase, four output programmable
PMIC. They are optimized with highly efficient
synchronous buck converters capable of multiphase and
single-phase operations that can deliver up to 5A per
phase continuous output current. They feature four buck
controllers and can reconfigure their power stages to
these controllers. This flexibility allows seamless
design-in for a wide range of applications that require
high output power and small solution size.
The ISL91212A and ISL91212B integrate low
ON-resistance MOSFETs and programmable PWM
frequency, allowing the use of very small external
inductors and capacitors. They feature automatic Diode
Emulation and Pulse Skipping modes under light-load
conditions to further improve efficiency and maximize
battery life. The ISL91212A and ISL91212B deliver a
highly robust power solution by featuring a controller
based on the proprietary Renesas R5 Technology, which
provides tight output accuracy and load regulation,
ultra-fast transient response, seamless DCM/CCM
transitions, and requires no external compensation.
In addition to standard interrupt and chip enable functions,
the ISL91212A and ISL91212B feature three MPIOs and
two GPIOs capable of supporting the I2C communication
protocol and various other pin mode functions.
Related Literature
For a full list of related documents, visit our website:
• ISL91212A, ISL91212B device page
Features
• Triple output 2+1+1 phases (ISL91212A) or
quad output 1+1+1+1 single phase (ISL91212B)
• 2.5V to 5.5V supply voltage
• 5A per phase output current capability
• Small solution size (7x10mm2 for 4-phase design)
• High efficiency (94.7% for 3.8VIN/1.8VOUT)
• Low IQ in low power mode
• Patented control scheme reduces output capacitor and
supports fast load transient (such as 50A/µs per phase)
• ±0.7% system accuracy, remote voltage sensing
• Programmable PWM frequency from 2MHz to 6MHz
•I2C programmable output from 0.3V to 2V
• Independent Dynamic Voltage Scaling (DVS) for
each output
• Soft-start and fault detection (UV, OV, OC, OT),
short-circuit protection
• 2.551mmx3.67mm 35 ball WLCSP with 0.5mm pin
pitch
Applications
• Smartphones, AR/VR Glasses, Drones
• Optical Transceiver Modules
• Artificial Intelligence (AI) Processors
• Client/Enterprise/Data Center SSD, NAS
Figure 1. Simplified Block Diagram
Figure 2. Efficiency vs Load Current
ISL91212BIIZ
EN
VIO
AVIN_FILT
AGND
INT
MPIO<2:0>
3
GPIO<1:0>
SCL/SDA
2
PGNDs
VOUT1
PH_D
RTN1
PH_B
RTN2
VOUT2
PH_A
RTN3
VOUT3
PH_C
RTN4
VOUT4
ISL91212AIIZ
ISL91212BIIZ
Phase Configurations
10A
5A
5A
BUCK1
BUCK2
BUCK3
VOUT1
VOUT2
5A
VOUT3
5A
5A
BUCK1
BUCK2
BUCK3
BUCK4
VOUT2
VOUT3
VOUT4
5A
VOUT1
PH_D
PH_C
PH_B
PH_A
PH_D
PH_B
PH_A
PH_C
VOUT1
VOUT2
VOUT3
VOUT4
PVIN_A
PVIN_B
PVIN_C
PVIN_D
AVIN
VIO
VIN
70
75
80
85
90
95
100
0.01
0.10
1.00
10.00
Load Current (A)
3.3Vin, 1.8Vout, 1Phase
3.3Vin, 1.8Vout, 2Phase
Test Conditions:
L = 560nH (4020 Size)
CCM Fs = 2MHz
TA = +25°C


同様の部品番号 - ISL91301B

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL91301B RENESAS-ISL91301B Datasheet
231Kb / 2P
Triple/Quad Output Power Management IC
ISL91301B RENESAS-ISL91301B Datasheet
3Mb / 80P
Dual/Single Output Power Management IC
Feb 2, 2022
ISL91301B RENESAS-ISL91301B Datasheet
3Mb / 57P
Triple/Quad Output PMIC with SPI/I2C Interface
Mar 5, 2020
ISL91301B RENESAS-ISL91301B Datasheet
3Mb / 60P
Triple/Quad Output Power Management IC
Feb 20, 2020
ISL91301BII-H-EV1Z RENESAS-ISL91301BII-H-EV1Z Datasheet
3Mb / 60P
Triple/Quad Output Power Management IC
Feb 20, 2020
More results

同様の説明 - ISL91301B

メーカー部品番号データシート部品情報
logo
Advanced Analogic Techn...
AAT2782 ANALOGICTECH-AAT2782 Datasheet
3Mb / 22P
Triple Output PMIC: Dual Buck with Low-VIN LDO
AAT2783 ANALOGICTECH-AAT2783 Datasheet
1Mb / 22P
Triple Output PMIC: Dual Buck with Low-VIN LDO
logo
Micrel Semiconductor
MIC2826 MICREL-MIC2826 Datasheet
819Kb / 27P
Quad Output PMIC with HyperLight Load??DCDC, three LDOs, and I2C Control
MIC2827 MICREL-MIC2827 Datasheet
790Kb / 27P
Triple Output PMIC with HyperLight Load??DCDC, two LDOs, and I2C Control
logo
Intersil Corporation
ISL59911 INTERSIL-ISL59911 Datasheet
2Mb / 17P
250MHz Triple Differential Receiver/ Equalizer with I2C Interface
September 2, 2011
ISL59911IRZ INTERSIL-ISL59911IRZ Datasheet
2Mb / 17P
250MHz Triple Differential Receiver/ Equalizer with I2C Interface
September 2, 2011
logo
Skyworks Solutions Inc.
AAT2782 SKYWORKS-AAT2782_12 Datasheet
3Mb / 22P
Triple-Output PMIC Dual Buck with Low-VIN LDO
AAT2783 SKYWORKS-AAT2783_12 Datasheet
3Mb / 22P
Triple-Output PMIC Dual Buck with Low-VIN LDO
logo
Exar Corporation
XRP7720 EXAR-XRP7720 Datasheet
1Mb / 28P
Quad Output Universal Customizable PMIC with PFM
logo
Renesas Technology Corp
ISL59911 RENESAS-ISL59911 Datasheet
2Mb / 17P
250MHz Triple Differential Receiver/ Equalizer with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com