| データシートサーチシステム |
|
APR11/D データシート(PDF) 75 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
APR11/D データシート(HTML) 75 Page - NXP Semiconductors |
|
75 / 101 page ![]() MOTOROLA DSP56001A/D, Rev. 1 4-1 SECTION 4 DESIGN CONSIDERATIONS SUBSTITUTING THE DSP56001A FOR THE DSP56001 This section highlights the differences between the DSP56001 and DSP56001A that need to be taken into consideration when substituting the DSP56001A for the DSP56001. New designs should use the DSP56002 due to its enhanced features and speed. Hardware Considerations NON-MASKABLE INTERRUPT (NMI) A Non-Maskable Interrupt (NMI) function was previously accessible on the DSP56001 by applying 10 volts to the MODB/IRQB pin. The DSP56001A does not support a non-maskable interrupt (NMI). AC ELECTRICAL CHARACTERISTICS The DSP56001A die utilizes a faster technology than the DSP56001. As a result, many DSP56001A signals exhibit faster rise and fall times than the same signals on the DSP56001. These faster edges may generate more radiated noise and EMI, and may require more attention to these issues (e.g., the DSP56001A based circuit may require better decoupling). CAUTION DO NOT APPLY 10 VOLTS TO ANY PIN OF THE DSP56001A (including MODB)! Subjecting any pin of the DSP56001A to voltages in excess of the specified TTL/CMOS levels will permanently damage the device. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |