| データシートサーチシステム |
|
APR15/D データシート(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
APR15/D データシート(HTML) 5 Page - NXP Semiconductors |
|
5 / 101 page ![]() DSP56001A Product Documentation MOTOROLA DSP56001A/D, Rev. 1 v Related Documentation Table 2 lists additional documentation relevant to the DSP56001A. Table 1 DSP56001A Documentation Topic Description Order Number DSP56001 User’s Manual Detailed description of the 56001 architecture, 24-bit DSP, memory, peripherals, and instruction set DSP56001UM/AD DSP56001A Data Sheet Pin and package descriptions, and electrical and timing specifications DSP56001A/D Table 2 DSP56001A Related Documentation Document Name Description Order Number Digital Sine-Wave Synthesis Application Report; uses the DSP56001 look-up table APR1/D Digital Stereo 10-band Graphic Equalizer Application Report; includes code and circuitry; features the DSP56001 APR2/D Fractional and Integer Arithmetic Application Report; includes code APR3/D Implementation of Fast Fourier Transforms Application Report; comprehensive FFT algorithms and code for DSP56001, DSP56156, and DSP96002 APR4/D Implementation of PID Controllers Application Report; PWM using the SCI timer and three phase output using modulo addressing APR5/D Convolutional Encoding and Viterbi Decoding with a V.32 Modem Trellis Example Application Report; theory and code; features the DSP56001 APR6/D Implementing IIR/FIR Filters Application Report; comprehensive example using the DSP56001 APR7/D Principles of Sigma-Delta Modulation for A-to-D Converters Application Report; features the DSP56ADC16; improving resolution with half-band filters APR8/D Full-Duplex 32-kbit/s CCITT ADPCM Speech Coding Application Report; features the DSP56001 APR9/D DSP56001 Interface Techniques and Examples Application Report; interfaces for pseudo Static RAM, Dynamic RAM, ISA bus, Host Interface APR11/D Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |