| データシートサーチシステム |
|
MF-LS データシート(PDF) 3 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-LS データシート(HTML) 3 Page - Bourns Electronic Solutions |
|
3 / 4 page ![]() How To Order MF - LS 100 S - __ Multifuse® Product Designator Series LS = Axial Leaded “Strap” Component Hold Current, Ihold 70-340 (0.70 Amps - 3.40 Amps) Lead Option S = Slotted Lead Option RU = Radial Lead Option Packaging Options - __ = Bulk Packaging - 2 = Tape and Reel* *Packaged per EIA486-B Typical Time to Trip at 23 °C 0.001 1 10 100 1 10 Fault Current (Amps) MF-LS models offer trip temperatures lower than MF-S models for extra protection at elevated temperatures. MF-LS Series - PTC Resettable Fuses MF-LS, REV. H, 11/04 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. |