データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP1611ARMZ-R7 データシート(PDF) 16 Page - Analog Devices

部品番号 ADP1611ARMZ-R7
部品情報  20 V,1.2 MHz Step-Up DC-to-DC Switching Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADP1611ARMZ-R7 データシート(HTML) 16 Page - Analog Devices

Back Button ADP1611ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 17Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 18Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 19Page - Analog Devices ADP1611ARMZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADP1611
Rev. 0 | Page 16 of 20
LAYOUT PROCEDURE
To achieve high efficiency, good regulation, and stability, a well-
designed printed circuit board layout is required. Where
possible, use the sample application board layout as a model.
Follow these guidelines when designing printed circuit boards
(see Figure 1):
•
Keep the low ESR input capacitor, CIN, close to IN and
GND.
•
Keep the high current path from CIN through the inductor,
L1, to SW and PGND as short as possible.
•
Keep the high current path from CIN through L1, the
rectifier, D1, and the output capacitor, COUT, as short as
possible.
•
Keep high current traces as short and as wide as possible.
•
Place the feedback resistors as close to FB as possible to
prevent noise pickup.
•
Place the compensation components as close as possible to
COMP.
•
Avoid routing high impedance traces near any node
connected to SW or near the inductor to prevent radiated
noise injection.
Figure 31. Sample Application Board (Bottom Layer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20