| データシートサーチシステム |
|
AD9511-VCO/PCB データシート(PDF) 44 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9511-VCO/PCB データシート(HTML) 44 Page - Analog Devices |
|
44 / 60 page ![]() AD9511 Rev. A | Page 44 of 60 CSB SCLK SDIO tHI tLO tCLK tS tDS tDH tH BI N BI N + 1 Figure 51. Serial Control Port Timing—Write Table 22. Serial Control Port Timing Parameter Description tDS Setup time between data and rising edge of SCLK tDH Hold time between data and rising edge of SCLK tCLK Period of the clock tS Setup time between CSB and SCLK tH Hold time between CSB and SCLK tHI Minimum period that SCLK should be in a logic high state tLO Minimum period that SCLK should be in a logic low state CSB CSB TOGGLE INDICATES CYCLE COMPLETE 16 INSTRUCTION BITS + 8 DATA BITS 16 INSTRUCTION BITS + 8 DATA BITS COMMUNICATION CYCLE 1 COMMUNICATION CYCLE 2 TIMING DIAGRAM FOR TWO SUCCESSIVE COMMUNICATION CYCLES. NOTE THAT CSB MUST BE TOGGLED HIGH AND THEN LOW AT THE COMPLETION OF A COMMUNICATION CYCLE. tPWH SCLK SDIO Figure 52. Use of CSB to Define Communications Cycles |