| データシートサーチシステム |
|
A121-001-R データシート(PDF) 28 Page - Acconeer AB |
|
|
|||||||||||||||||||||||||||||
A121-001-R データシート(HTML) 28 Page - Acconeer AB |
|
28 / 29 page ![]() A121 Pulsed Coherent Radar (PCR) Datasheet v1.0 © 2023 Copyright by Acconeer 2023-03-30 Page 28 of 29 10 Abbreviations ADC Analog digital converter AiP Antenna in package API Application programming interface BGA Ball grid array BOM Bill of materials CE "Conformité Européene" (which literally means "European Conformity") CPHA Clock phase CPOL Clock polarity EIRP Equivalent isotropically radiated power ESD Electrostatic discharge ETSI European Telecommunications Standards Institute FCC Federal Communications Commission fcCSP Flip-chip chip-scale package FWHM Full Width at Half Maximum GND Ground HAL Hardware abstraction layer HPBW Half power beamwidth HWAAS Hardware Accelerated Average Samples LDO Low-dropout regulator MCU Microcontroller unit MISO Master input, slave output MOSI Master output, slave input NC No connect PCR Pulse coherent radar PLL Phase locked loop PoR Power on reset RCS Radar cross section RF Radio frequency RLG Radar Loop Gain RX Receiver SNR Signal-to-Noise Ratio SPI Serial peripheral interface SS Slave select STD Standard deviation TCXO Temperature compensated crystal oscillator TX Transmitter XTAL Crystal |