| データシートサーチシステム |
|
ADT7481ARMZ データシート(PDF) 21 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADT7481ARMZ データシート(HTML) 21 Page - Analog Devices |
|
21 / 24 page ![]() ADT7481 Rev. 0 | Page 21 of 24 Figure 21 shows how THERM and THERM2 might operate together to implement two methods of cooling the system. In this example, the THERM2 limits are set lower than the THERM limits. The THERM2 output could be used to turn on a fan. If the temperature continues to rise and exceeds the THERM limits, the THERM output could provide additional cooling by throttling the CPU. THERM2 LIMIT THERM LIMIT THERM2 1 3 2 4 TEMPERATURE THERM 90 °C 80 °C 70 °C 60 °C 50 °C 40 °C 30 °C Figure 21. Operation of the THERM and THERM2 Interrupts When the THERM2 limit is exceeded, the THERM2 signal asserts low. • If the temperature continues to increase and exceeds the THERM limit, the THERM output asserts low. • The THERM output de-asserts (goes high) when the tem- perature falls to THERM limit minus hysteresis. In Figure 21, there is no hysteresis value shown. • As the system cools further, and the temperature falls below the THERM2 limit, the THERM2 signal resets. Again, no hysteresis value is shown for THERM2. The temperature measurement could be either the local or the remote temperature measurement. |