| データシートサーチシステム |
|
ADE7762 データシート(PDF) 26 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE7762 データシート(HTML) 26 Page - Analog Devices |
|
26 / 28 page ![]() ADE7762 Preliminary Technical Data Rev. PrB | Page 26 of 28 Table 10. CF, F1, and F2 Minimum Frequency at No Load Threshold SCF S1 S0 F1, F2 Minimum (Hz) CF Minimum (Hz) 0 0 0 6.94E − 05 1.11E − 03 1 0 0 1.39E − 04 1.11E − 03 0 0 1 3.47E − 05 1.11E − 03 1 0 1 1.39E − 04 2.23E − 03 0 1 0 1.58E − 04 2.52E − 02 1 1 0 3.47E − 05 5.55E − 04 0 1 1 1.75E − 05 5.60E − 04 1 1 1 1.75E − 05 2.80E − 04 NEGATIVE POWER INFORMATION The ADE7762 detects when total power, calculated as the sum of the three phases, is negative. This mechanism can detect an incorrect connection of the meter or generation of negative active energy. The REVP pin output goes active high when negative power is detected on the sum of the three phase inputs. If positive active power is detected on the sum of three phases, then REVP pin output is low. The REVP pin output changes state at the same time as a pulse is issued on CF. If the sum of the phases measure negative power, then the REVP pin output stays high until the sum of the phases measures positive power. |