データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FSFLK データシート(PDF) 22 Page - NXP Semiconductors

部品番号 FSFLK
部品情報  Freescale Sensor Fusion Library for Kinetis MCUs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

FSFLK データシート(HTML) 22 Page - NXP Semiconductors

Back Button FSFLK Datasheet HTML 18Page - NXP Semiconductors FSFLK Datasheet HTML 19Page - NXP Semiconductors FSFLK Datasheet HTML 20Page - NXP Semiconductors FSFLK Datasheet HTML 21Page - NXP Semiconductors FSFLK Datasheet HTML 22Page - NXP Semiconductors FSFLK Datasheet HTML 23Page - NXP Semiconductors FSFLK Datasheet HTML 24Page - NXP Semiconductors FSFLK Datasheet HTML 25Page - NXP Semiconductors FSFLK Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Mechanical and Electrical Specifications
22
Freescale
Sensor Fusion Library for Kinetis MCUs, Rev. 0.7, 9/2015
Freescale Semiconductor, Inc.
Figure 13. Simulated Standard Deviation and Variance as f(constellation size)
4.7.3
Magnetic Calibration Performance Metrics
Table 13 provides some basic guidance with regard to performance of the magnetic calibration library
in a stand-alone configuration.
Table 13. Magnetic Calibration Performance Metrics
Characteristic
Symbol
Conditions
Min
Typ
Max
Unit
Compass heading linearity;
see Compass Heading
Linearity and Accuracy
TBD
—
—
< 5
—
degrees
Compass heading accuracy;
see Compass Heading
Linearity and Accuracy
TBD
—
< 5
—
degrees
NOTE:
The results shown in this table are more conservative than simulated numbers, and are more likely to be representative of
actual results.
4.8 Fusion Model Performance Metrics
4.8.1
Background
The six and nine-axis Kalman filters are optimized for calculation of device orientation. Unmodelled
sources of error will affect the other sensor outputs. Tradeoffs are a function of the Kalman filter
configuration and are subject to change.
Separate tables are presented for each of the sensor combination options provided by the Fusion
Library. Common test conditions and setups are used for all options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37